type: quantit y: project: catalog number: fixtu re watta ge volta ge finish option option option option materials syrios led is made of corrosion resistant 356 aluminum alloy with a copper (cu) content of less than 0.1%. the main housing is made of seamless extruded aluminum, with an integrally sealed led light module designed for optimal heat dissipation, and lighting performance. syrios led SY305 series is standard with 26o optic. see options section for alternate selection. electrical driver standard 0-10v dimmable led driver is 120/277v multi volt (50-60hz) with operating temperatures of -30oc/-22of to 60oc/140of. output over voltage. output over current and output short circuit protection with auto-recovery. led standard 4000k led engine included. optional 3000k, 3500k & 5000k. removable modular led platform. life 54,000hrs l 75 b 50 (based on iesna tm-21 test method and lm-80 data). 68,000hrs l 70 b 50 (calculated projection from lm-80 data). finish five-stage preparation process including preheating of cast aluminum parts for air extraction, and an environmentally friendly alloy sealant. polyester powder coating is applied through an electrostatic process and oven cured for long term finish. mounting the mounting plate is designed to fit on a 4 (102) octagonal electrical box using 3 1/2 (89) c/c mounting holes. certification tested to ul1598 and csa 22.2 #250. etl listed wet location. rated ip66. ce certification on request. luminis.com luminaires may be altered for design improvement or discontinued without prior notice. toll free: 866.586.4647 fax: 514.683.8872 email: info@luminis.com 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis 1 5-6-7-8 3 2 1 mar 2015 rev.1 SY305 series syrios - led pendant down light 1 - 5.2 (132) diameter ceiling mount canopy. 2 - standard silver braided 3/18 power cord. 3 - cast aluminum top cover. 4 - extruded aluminum cylindrical driver housing. 5 - sealed cast aluminum down light assembly. 6 - sealed cast aluminum lens frame. 7 - clear tempered glass lens. 8 - faceted specular aluminum reflector. all stainless steel hardware. 4 8.5 (216) 36 (914) 5.2 (132) 3 (76) 0.5 (13) 3.00 (76)
luminaires may be altered for design improvement or discontinued without prior notice. toll free: 866.586.4647 fax: 514.683.8872 email: info@luminis.com 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis 2 please visit our web site www.luminis.com for complete i.e.s. formatted download data. typica l photometry summary model# SY305 luminai re selection standard colors wht snow white bkt jet black bzt bronze mst matte silver grt titanium gray dgt gun metal cht champagne (refer to color chart) optional colors cs custom color ral ral# color ss3 #316 stainless steel body led light selection voltage finish model# ieeeeghts options SY305 series syrios - led 120v 277v descriptive information SY305-l1w11r0 total lms: 1078 lumens total input watts: 12.2 w source: led efficacy: 88.36 lumens/watt bug: b1-u0-g0 cct/cri: 4000k/80 maximum candela: 1688 @ 0 deg suffi x inpu t watts delivered lumens cri cct ok l1w11r0 12w 1078 80 4000k electrical light & optics fs fuse stc aircraft cable alternate cct ok led (lcf: lumen conversion factor) k3 3000 k cct 90 cri (lcf: 0.78) k35 3500 k cct 80 cri (lcf: 0.983) k5 5000 k cct 80 cri (lcf: 1.01) rgbw rgbw color changing with dmx512 ready alternate reflector optics (26o standard reflector) r40 40o flood optic lsl linear spread lens mounting stm 36 stem color filter r3 red color filter g3 green color filter b3 blue color filter luminis.com
|